Part Number Hot Search : 
MINISO8 RA252PT TA7208 1N2133AR 10011 R24D15 DG387AA 472ML
Product Description
Full Text Search
 

To Download DN6849UBS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hall ics 1 DN6849UBS hall ic for alternative magnetic field n overview the DN6849UBS is a hall ic in which a hall element, an amplifier circuit, schmidt circuit, stabilized power sup- ply and temperature compensation circuit are integrated onto a single chip using ic technology. it amplifies hall element output in the amplifier, converts it into a digital signal through the schmidt circuit so as to drive the ttl or mos ic directly. n features high sensitivity and low drift stable temperature characteristics due to the built-in tem- perature compensation circuit wide operating supply voltage range (v cc = 4.5 v to 16 v) operating in alternative magnetic field open collector output n applications speed sensor, position sensor, rotation sensor and key board switch n block diagram unit: mm esop004-p-0200 1.6 3.00.3 0.60.2 1 2 4 3 5.40.4 3.00.3 1.50.3 0.40.2 0.10.1 0.2 0.950.2 0.40.15 +0.15 C0.05 output stage schmidt circuit temperature compensation circuit v cc 3 out 4 1 gnd n.c. 2 stabilized power supply hall element amplifier maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://panasonic.net/sc/en
DN6849UBS hall ics 2 n pin descriptions pin no. description 1 supply voltage pin 2n.c. 3 output pin 4 ground pin n recommended operating range parameter symbol range unit supply voltage v cc 4.5 to 16 v n absolute maximum ratings parameter symbol rating unit supply voltage v cc - 0.3 to + 18 v supply current i cc 8ma power dissipation * 2 p d 62.5 mw operating ambient temperature * 1 t opr - 40 to + 100 c storage temperature * 1 t stg - 55 to + 125 c note) 1. the reverse insertion of this ic will cause its breakdown. 2. it will operate normally in several tens of ms after power on. 3. use it within 100 mt of magnetic flux density, because if 100 mt or more is applied, the output of hall ic is likely to be inverted. 4. since this ic requires a special assembly, its anti-moisture characteristic is poor compared with other ordinary ics. if high reliability is required, you should dry pcb well after mounting and mold them with resin over the pcb. 5. * 1: except for the operating ambient temperature and storage temperature, all ratings are for t a = 25 c. * 2: shows the allowable power consumption at t a = 100 c. if the operation condition exceeds 62.5 mw, take measure in mounting and etc.
hall ics DN6849UBS 3 note) 1. symbol bh-l stands for the operating magnetic flux density where its output level varies from high to low. 2. symbol bl-h stands for the operating magnetic flux density where its output level varies from low to high. 3. the variation of operating magnetic flux density does not depend on supply voltage due to its built-in stabilized power source. (v cc should be confined to the range of 4.5 v to 16 v.) n electrical characteristics 1. electrical characteristics at t a = 25 c parameter symbol conditions min typ max unit operating magnetic flux density 1 bh-l1 v cc = 12 v - 9616mt operating magnetic flux density 2 bl-h1 v cc = 12 v - 16 - 69mt hysteresis width bw v cc = 12 v 7 12 21 mt output voltage 1 v ol1 v cc = 4.5 v, i o = 15 ma ?? 0.4 v b = 16 mt output voltage 2 v ol2 v cc = 16 v, i o = 15 ma ?? 0.4 v b = 16 mt output current 1 i oh1 v cc = 4.5 v, v o = 16 v ?? 10 m a b = - 16 mt output current 2 i oh2 v cc = 16 v, v o = 16 v ?? 10 m a b = - 16 mt supply current 1 i cc1 v cc = 4.5 v, b = 16 mt ?? 6.5 ma supply current 2 i cc2 v cc = 16 v, b = 16 mt ?? 7.0 ma 2. electrical characteristics at t a = 100 c 10 c parameter symbol conditions min typ max unit operating magnetic flux density 3 bh-l2 v cc = 12 v - 15 ? 20 mt operating magnetic flux density 4 bl-h2 v cc = 12 v - 20 ? 15 mt output voltage 3 v ol3 v cc = 4.5 v, i o = 15 ma ?? 0.4 v b = 20 mt output voltage 4 v ol4 v cc = 16 v, i o = 15 ma ?? 0.4 v b = 20 mt output current 3 i oh3 v cc = 4.5 v, v o = 16 v ?? 10 m a b = - 20 mt output current 4 i oh4 v cc = 16 v, v o = 16 v ?? 10 m a b = - 20 mt supply current 3 i cc3 v cc = 4.5 v, b = 20 mt ?? 6.5 ma supply current 4 i cc4 v cc = 16 v, b = 20 mt ?? 7.0 ma
DN6849UBS hall ics 4 n electrical characteristics (continued) 3. design reference data at t a = 25 c note) the characteristics listed below are not guaranteed values for design. parameter symbol conditions min typ max unit operating magnetic flux density d bh-l d ifference of operating magnetic flux ? 0 ? mt supply voltage dependency 1 * 1 density (bh-l) at v cc = 4.5 v, 16 v operating magnetic flux density d bl-h d ifference of operating magnetic flux ? 0.6 ? mt supply voltage dependency 2 * 1 density (bl-h) at v cc = 4.5 v, 16 v hysteresis width supply voltage d bw difference of hysteresis width (bw) ?- 0.6 ? mt dependency * 1 at v cc = 4.5 v, 16 v operating magnetic flux density d b ?? 35mt time lapse variation quantity * 2 note) * 1: a test circuit shall be identical with test condition 1 in "4. test circuit and test method". * 2: at t a = 25 c bh-l max. 16 + 5 = 21 mt bl-h min. - 16 - 5 = - 21 mt at t a = 100 c bh-l max. 20 + 5 = 25 mt bl-h min. - 20 - 5 = - 25 mt therefore, the magnetic flux density to be applied to hall ic must be 25 mt or more at t a = 100 c. be cautious on use of a permanent magnet as it has its own temperature characteristic and time lapse variation. 4. test circuit and test method test circuit 1 test circuit 3 * bh-l, bl-h * i oh test circuit 2 test circuit 4 * v ol1 , v ol2 * i cc1 , i cc2 2 b = - 16 mt to + 16 mt (at high temperature: - 20 mt to + 20 mt) n.c. v 1 = 12 v 4 3 1 27 k w v 2b = 16 mt (at high temperature: 20 mt) i o = 15 ma n.c. v cc = 16 v 4.5 v 4 3 1 v a 2b = - 16 mt (at high temperature: - 20 mt) n.c. v cc = 16 v 4.5 v v o = 16 v 4 3 1 a i oh 2b = 16 mt (at high temperature: 20 mt) n.c. v cc = 16 v 4.5 v open 4 3 1 a i cc note) * : measure the magnetic flux density when its output level is changed from high to low or low to high by varying the applied magnetic flux density.
hall ics DN6849UBS 5 n caution on use of hall ics as the hall ic is often used to detect movement, the position of a hall ic may be changed, and there is the risk of a change in detection level, if exposed to shock or vibration over a long period of time. secure the ic by applying adhesive to the package or placing in a dedicated case. 1. on mounting of the surface mount type (eso004-p-0200 package) set pin 2 to open or connect to gnd. it will be damaged if it is connected to v cc . when mounted on the printed circuit board, the hall ic may be highly stressed by the warp that may occur from the soldering. this may also cause a change in the operating magnetic flux density and a deterioration of its resistance to moisture. be cautious to keep the device from being stressed thermally or mechanically up to the 2 mm distance from the package. 2. on using flux in soldering choose a flux which does not include ingredients from halogen group, such as chlorine, fluorine, etc. the ingredients of halogen group may enter where the lead frame and package resin joint, causing corrosion and the disconnection of the aluminum wiring on the surface of an ic chip. 3. on fixing a hall ic with the holder when a hall ic is mounted on the printed circuit board with a holder and the coefficient of expansion of the holder is large, the lead wire of the hall ic will be stretched and it may give a stress to the hall ic. if the lead wire is stressed intensely due to the distortion of holder or board, the adhesives between the package and the lead wire may be weakened and cause a minute gap resulting in the deterioration of its resistance to moisture. sensitivity may also be changed by this stress. 4. power supply line/power transmission line if a power supply line/power transmission line becomes longer, noise and/or oscillation may be found on the line. in this case, set the capacitor of 0.1 m f to 10 m f near a hall ic to prevent it. if a voltage of 18 v or more is thought to be applied to the power supply line (flyback voltage from coil or the ignition pulse, etc.), avoid it with external components (capacitor, resistor, zener diode, diode, surge absorbing ele- ments, etc.). 5. v cc and gnd do not reverse v cc and gnd. if the v cc and gnd pins are reversely connected, this ic will be destroyed. if the ic gnd-pin voltage is set higher than other pin voltage, the ic configuration will become same as a forward biased diode. therefore, it will turn on at the diode forward voltage (approximately 0.7 v), and a large current will flow through the ic, ending up in its destruction. (this is common to monolithic ic.) 6. cautions on power on of hall ic when a hall ic is turned on, the position of the magnet or looseness may change the output of a hall ic, and a pulse may be generated. therefore, care should be given whenever the output state of a hall ic is critical when the supply power is on. 7. when magnetic force of magnet is too strong output may be inverted when applying a magnetic flux density of 100 mt or more. accordingly, magnetic flux density should be used within the range of 100 mt.
DN6849UBS hall ics 6 n technical data position of a hall element (unit in mm) magneto-electro conversion characteristics s n direction of applied magnetic field applied magnetic flux density b output voltage bw bl-h bh-l 1.5 1.5 1.0 1.0
request for your special attention and precautions in using the technical information and semiconductors described in this book (1) if any of the products or technical information described in this book is to be exported or provided to non-residents, the laws and regulations of the exporting country, especially, those with regard to security export control, must be observed. (2) the technical information described in this book is intended only to show the main characteristics and application circuit examples of the products, and no license is granted under any intellectual property right or other right owned by our company or any other company. therefore, no responsibility is assumed by our company as to the infringement upon any such right owned by any other company which may arise as a result of the use of technical information described in this book. (3) the products described in this book are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the prod- ucts may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (4) the products and product specifications described in this book are subject to change without notice for modification and/or im- provement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifications satisfy your requirements. (5) when designing your equipment, comply with the range of absolute maximum rating and the guaranteed operating conditions (operating power supply voltage and operating environment etc.). especially, please be careful not to exceed the range of absolute maximum rating on the transient state, such as power-on, power-off and mode-switching. otherwise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (6) comply with the instructions for use in order to prevent breakdown and characteristics change due to external factors (esd, eos, thermal stress and mechanical stress) at the time of handling, mounting or at customer's process. when using products for which damp-proof packing is required, satisfy the conditions, such as shelf life and the elapsed time since first opening the packages. (7) this book may be not reprinted or reproduced whether wholly or partially, without the prior written permission of matsushita electric industrial co., ltd.


▲Up To Search▲   

 
Price & Availability of DN6849UBS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X